PART |
Description |
Maker |
FQD20N06LE FQU20N06LE FQD20N06LETM |
60V N-Channel Logic level QFET (Built in ESD Protection Diode) 60V LOGIC N-Channel MOSFET 17.2 A, 60 V, 0.075 ohm, N-CHANNEL, Si, POWER, MOSFET
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
FQD13N06L FQU13N06L FQD13N06LTF FQD13N06LTM FQU13N |
60V N-Channel Logic level QFET 60V LOGIC N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
FQT13N06LTF |
60V N-Channel Logic level QFET; Package: SOT-223; No of Pins: 3; Container: Tape & Reel
|
FAIRCHILD SEMICONDUCTOR CORP
|
FQD30N06LTF |
60V N-Channel Logic level QFET; Package: TO-252(DPAK); No of Pins: 2; Container: Tape & Reel
|
FAIRCHILD SEMICONDUCTOR CORP
|
RFP3055LE RFD3055LESM RFD3055LE FN4044 RFD3055LESM |
11A/ 60V/ 0.107 Ohm/ Logic Level/ N-Channel Power MOSFETs TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 11A I(D) | TO-252AA 11A, 60V, 0.107 Ohm, Logic Level, N-Channel Power MOSFETs 11A 60V 0.107 Ohm Logic Level N-Channel Power MOSFETs From old datasheet system
|
INTERSIL[Intersil Corporation]
|
FDN5632NF085 |
N-Channel Logic Level PowerTrench? MOSFET 60V, 1.6A, 98mΩ N-Channel Logic Level PowerTrench㈢ MOSFET 60V, 1.6A, 98mヘ
|
Fairchild Semiconductor
|
HUF76439P3 HUF76439S3S HUF76439S3ST |
71A, 60V, 0.014 Ohm, N-Channel, Logic Level UltraFET Power MOSFET 75 A, 60 V, 0.014 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB Dual Differential Drivers and Receivers With /-15-kV IEC ESD Protection 16-TSSOP -40 to 85 75 A, 60 V, 0.014 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 71A, 60V, 0.014Ohm, N-Channel, Logic Lvl UltraFET Power MOSFET 71A, 60V, 0.014 Ohm, N-Channel, Logic Level UltraFETPower MOSFET
|
Fairchild Semiconductor, Corp. Intersil, Corp.
|
HUFA76407DK8T HUFA76407DK8 |
3.5A, 60V, 0.105 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET 3800 mA, 60 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, MS-012AA 3.5A/ 60V/ 0.105 Ohm/ Dual N-Channel/ Logic Level UltraFET Power MOSFET 3.5A, 60V, 0.105 Ohm, Dual N-Channel, Logic Level UltraFETPower MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
RFP12N06RLE RFD12N06RLESM RFD12N06RLE FN2407 |
From old datasheet system 12A/ 60V/ 0.135 Ohm/ N-Channel/ Logic Level/ Power MOSFETs 12A, 60V, 0.135 Ohm, N-Channel, Logic Level, Power MOSFETs(12A, 60V, 0.135 Ω, N沟道,逻辑电平,功率MOS场效应管) 12 A, 60 V, 0.16 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
INTERSIL[Intersil Corporation] Fairchild Semiconductor, Corp.
|
FQT7N10LTFNL |
100V N-Channel Logic Level QFET 1.7 A, 100 V, 0.38 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Fairchild Semiconductor, Corp.
|
HUFA76423D3S HUFA76423D3 HUFA76423D3ST |
20A, 60V, 0.037 Ohm, N-Channel, Logic Level UltraFETPower MOSFETs 20A, 60V, 0.037 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
|
FAIRCHILD[Fairchild Semiconductor]
|
HUF76407D3 HUF76407D3S HUF76407D3ST |
11A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFETPower MOSFET 11A,60V, 0.107 Ohm, N-Channe, Logic Level UltraFET Power MOSFET
|
Fairchild Semiconductor
|
|